Part Number Hot Search : 
115MB 101KC B4032T PNZ323 1N5819 1660CT MAX16014 ON2533
Product Description
Full Text Search
 

To Download 30514 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  + - + - + - part number rev page 1 end a 30514 tolerances unless otherwise noted 2 place 3 place angle - .005 specifications title transformer hdsl, 1168 kbps, 2.0 mhy, schott 30514 yyww label w/ dot for pin 1 7 9 3 2 1. inductance: @ 0.1 v, 10 khz 7-6-9-8 = 2.0 mhy 5% 2. leakage inductance: @ 100 khz 2-4 w/ 7-6-9-8 shorted = 16 hy max 3. interwinding capacitance: @ 100 khz 2-4 to 7-6-9-8 = 240 pf max 4. dc resistance: 2-4 = 2.2 ohms max 7-6, 9-8 = 2.2 ohms max 5. turns ratio: 2-4 : 7-6 : 9-8 = 1ct : 1 : 1 2% 6. longitudinal balance: 7-6-9-8 @ 200 khz, = 55 db min, line = 9-8-7-6 (gound pins 8&7), load = 2-4, line resistors = 67.5 ohms, load resistors = 34 ohms 7. harmonic distortion: 6-7-8-9 @ 135 ohms, 200 khz, 6v p-p = -75 db min 8. dielectric strength: 1500 vac, 1 minute (1800 for 1 second schott production test) 2 to 9 & 7 2,9,7 to core 8 6 4 .940 max (23.87) 1.050 max (26.67) .150 (3.81) 6 7 8 9 10 5 4 3 2 1 .800 (20.32) .500 max (12.70) .110 min. (2.80) pins: .028 x .045 max (0.70 x 1.10) schott 1000 parkers lake road wayzata, mn 55391 corporation


▲Up To Search▲   

 
Price & Availability of 30514

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X